Part Number Hot Search : 
AVD035P 1SS400 T274MB MJL0281A BA033C FR2S1030 PA240 RF2628
Product Description
Full Text Search
 

To Download IL440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL440
Vishay Semiconductors
Optocoupler, Phototriac Output, Low Input Current
FEATURES
* 400 V blocking voltage
A1 C2 NC 3 6 MT2 5 NC 4 MT1
* 5.0 mA maximum trigger current * Isolation test voltage, 5300 VRMS, t = 1.0 s * Isolation materials per UL94 * Pin compatible with optocouplers: - IL440-4 MOC 3021 - IL440-5 MOC 3022 - IL440-6 MOC 3023 * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179035
DESCRIPTION
The IL440 consists of a GaAs infrared emitter optically coupled to a silicon planar triac chip with a non-zero crossing network. The two semiconductors are assembled in a 6 pin dual-in-line plastic package. The IL440 can handle currents up to 100 mA RMS.
APPLICATIONS
* High current triac driver * Solid state relay * Switch small AC loads
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * CSA 93751 * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * BAB/BSI IEC 60950; IEC 60065
ORDER INFORMATION
PART IL440-4 IL440-5 IL440-6 IL440-4X007 IL440-4X009 IL440-5X006 IL440-5X009 IL440-6X006 IL440-6X007 IL440-6X009 REMARKS 15 mA IFT, 400 V VDRM, DIP-6 10 mA IFT, 400 V VDRM, DIP-6 5.0 mA IFT, 400 V VDRM, DIP-6 15 mA IFT, 400 V VDRM, SMD-6 (option 7) 15 mA IFT, 400 V VDRM, SMD-6 (option 9) 10 mA IFT, 400 V VDRM, DIP-6 400 mil (option 6) 10 mA IFT, 400 V VDRM, SMD-6 (option 9) 5.0 mA IFT, 400 V VDRM, DIP-6 400 mil (option 6) 5.0 mA IFT, 400 V VDRM, SMD-6 (option 7) 5.0 mA IFT, 400 V VDRM, SMD-6 (option 9)
Note For additional information on the available options refer to option information.
Document Number: 83631 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 1
IL440
Vishay Semiconductors
Optocoupler, Phototriac Output, Low Input Current
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER INPUT Reverse voltage Forward current Surge current Power dissipation Junction temperature OUTPUT Peak off-state voltage On-state RMS current Peak surge current Peak on-state current Power dissipation Junction temperature COUPLER Isolation voltage, 1.0 s, per standard climate 23 C/50 % RH, DIN 50014 Creepage distance Clearance distance Isolation resistance Total power dissipation Storage temperature range Ambient temperature Junction temperature Lead soldering temperature (2) 2.0 mm from case, t < 10 s VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Ptot Tstg Tamb Tj Tsld VR IF P.W. < 10 s IFSM Pdiss Tj IL440-4 IL440-5 IL440-6 tp 10 ms tp/T = 0.01 100 s VDRM VDRM VDRM ID(RMS) IFSM IDRM Pdiss Tj VISO 5.0 60 3.0 100 100 400 400 400 100 1.2 2.0 300 125 V mA A mW C V V V mA A A mW C TEST CONDITION PART SYMBOL VALUE UNIT
5300 7.0 7.0 1012 1011 330 - 55 to + 125 - 40 to + 100 100 260
VRMS mm mm mW C C C C
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse voltage Junction capacitance OUTPUT (2) Peak on-state voltage Critical rate of rise of off-state voltage COUPLER Holding current IF 10 mA, VS 3.0 V IH 1.0 mA Notes (1) T amb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. (2) Off-state output terminal voltage (see table 1.) ITM = 100 mA, IFT = 30 mA IF = 0, VS = 240 VRMS IF = 30 mA, VS = 60 VRMS VTM dVcr/dt dVcrq/dt 0.13 1.5 50 0.25 3.0 V V/s V/s IF = 50 mA IR = 10 A VR = 0 V, f = 1.0 MHz VF VR Cj 5.0 50 1.25 V V pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83631 Rev. 1.6, 18-Jan-08
IL440
Optocoupler, Phototriac Output, Low Input Current
Vishay Semiconductors
IFT AND BLOCKING VOLTAGE SELECTION
BIN NUMBER IL440-4 IL440-5 IL440-6 Note Test voltage must be applied within dV/dt rating of 0.13 V/s. BV (V) MAXIMUM at IDRM = 500 nA 400 400 400 IFT MAXIMUM at VT = 6 V, RL = 150 15 10 5.0
MAXIMUM SAFETY RATINGS (1)
PARAMETER INPUT (2) Forward voltage OUTPUT Power dissipation PS, OUTPUT 300 mW Notes (1) According to DIN EN 60747-5-2(VDE 0884)/ DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits. (2) The device is used for protective separation agains electrical shock within the maximum safety ratings. This must be ensured by protective circuits in the applications. IS, INPUT 130 mA TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Pollution degree Comparative tracking index VIOTM VIORM Insulation resistance at 25 C Insulation resistance at TS Insulation resistance at 100 C Partial discharge test voltage PSO ISI TSI Clearance distance Creepage distance Clearance distance Creepage distance standard DIP-6 standard DIP-6 400 mil DIP-6 400 mil DIP-6 7 7 8 8 VIO = 500 V VIO = 500 V VIO = 500 V Method a, Vpd = VIORM x 1.875 RIS RIS RIS Vpd DIN VDE 0109 CTI 175 8000 890 1012 109 1011 1669 500 250 175 Vpeak Vpeak Vpeak mW mA C mm mm mm mm TEST CONDITION SYMBOL MIN. TYP. 55/100/21 2 MAX. UNIT
Note As per IEC60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of prodective circuits.
Document Number: 83631 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL440
Vishay Semiconductors
Optocoupler, Phototriac Output, Low Input Current
PACKAGE DIMENSIONS in inches (millimeters)
3 2 1 Pin one ID
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
PACKAGE DIMENSIONS in inches (millimeters)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min.
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
18450
0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max.
0.012 (0.30 ) typ.
15 max.
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83631 Rev. 1.6, 18-Jan-08
IL440
Optocoupler, Phototriac Output, Low Input Current
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83631 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X